Part Number Hot Search : 
0732G ST1510FX 46010 ON1271 CS5165H 1SS214 EM74XXX RX5000
Product Description
Full Text Search
 

To Download BISS0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BISS0001 pir c ontroller s ilvan ch ip el e ct r o n ics t ec h . c o.,lt d . add r e ss: fl.16 fuchang building,binhe rd,shenzhen,c h ina f a x 86 - 0755 - 8 8290509 p h o n e: 86 - 0 7 55 - 88291843 88304213 email: j ja@ s c - t e ch.cn http : // ww w . sc - tec h .cn BISS0001 g eneral description biss 0001 is a pir (passive infra - red) c o ntroller, using analog mixing digital design technique and manufactures by c m os process. with special noise immunity t e chnique, biss 0001 is the most stable pir controller yo u can find on the mark e t. more than this, there are few components need e d in its application circuit which can reduce material cost and increase competitive. BISS0001 a b solute maximum ratings parameter symbol value units power s u pply vdd with repect to v s s vdd - v s s 5.0 v voltage on any pin - 0.3 - 5.6 v operating temperature top 0 - 70 c storage temperature - 6 5 - 1 5 0 c BISS0001 el ectrical characteristics s y mbol parameter condition min. t y p . max. unit vdd supply voltage 3 5 6 v ist standy curre nt 0.9 1.0 1.2 ma idd operati ng c u rre nt 1.8ma, triac 2.5ma, relay 1.8 2.5 ma vref stable voltage vdd>4.2v 3.0 3.2 3.4 v iref so u rce curre nt of v ref 200 ua ripple of vref 0.5 mv input and out p ut r e g u lati o n of v r ef 0.3% ftb time base operating f r eq u ency 15 16 1 7 khz vt+ cds op e rating tri gg er 1.3 1.7 2.1 v vt - cds o p reating tri gge r 0.6 0.9 1.1 v icds cds s o u rce c u rre nt 2.6 3.5 4.4 ua iso u r c e cds o ut p u t sou r ce c urr e n t 9 10.4 17.4 ma isink cds o ut p u t s ink c ur rent 11.6 13 21 ma
BISS0001 pir c ontroller s ilvan ch ip el e ct r o n ics t ec h . c o.,lt d . add r e ss: fl.16 fuchang building,binhe rd,shenzhen,c h ina f a x 86 - 0755 - 8 8290509 p h o n e: 86 - 0 7 55 - 88291843 88304213 email: j ja@ s c - t e ch.cn http : // ww w . sc - tec h .cn irs r elay source curre n t 5 ma irsi n k relay sink c u rre nt 5 ma vro relay operating voltage 18.8v: rel a y on 13.1v: rel a y off 13.1 18.8 v it s ink triac sink current 15 ma itsou r ce triac s ou rce c ur rent 50 ua BISS0001 ty pical application


▲Up To Search▲   

 
Price & Availability of BISS0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X